Part Number Hot Search : 
2SK33 KTLP160J BCM7315 C128IS UL2054 20000 AN260 TPC13A
Product Description
Full Text Search
 

To Download MCOCXO Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 12V OCXO HCMOS Output 14-pin DIL
Specifications
MCOCXO
Product MCOCXO
Parameters
Frequency range: 10.0kHz ~ 40.0MHz Frequency stability: 0.7ppm max first year 4ppm max in 10 years 0.1ppm over VDD 0.5V 0.01ppm over 10% change in load
20.30 PIN 13.20 1 7 8 14 8.00 (max) 6.80 (max) CONNECTION Freq adjustment Ground Output Supply
Option Codes
Short term stability: 5x10-10, 0.1 to 30s 5x10-11 over 1s typ Temperature stability: 0.2ppm max, 0 to +60C 0.05ppm max, 0 to +60C 0.3ppm max, -20 to +70C 0.1ppm max, -20 to +70C 0.5ppm max, -40 to +85C 0.2ppm max, -40 to +85C Operable temperature range: -40 to +85C A TA B TB C TC
0.80 0.50O
1 14
7 8
7.62
Storage temperature range: -65 to +125C Output waveform: HCMOS compatible `0'=+0.4V max,`1'=4.5V min 40:60 max Rise / fall times: 7ns / 7ns max V5 R1
15.24
Scale 1:1
Features

Compact 14-pin DIL package 12.0V supply voltage HCMOS compatible output Very fast warmup Low power consumption Wide temperature range available
Frequency adjustment: Control voltage (pin 1) 4ppm min, 2.5V 2.5V 'Variable resistor (pins 1 to 7) 4ppm min, 0 ~ 10k Supply voltage (VDD): +12.0V (0.5V) Input current: 25mA max @ +30C 40mA max @ -20C Warm up: within spec after 30s @ 0C current 250mA max during 10s Phase noise (typ @ 10MHz): -60dBc/Hz @ 1Hz -90dBc/Hz @ 10Hz -120dBc/Hz @ 100Hz -130dBc/Hz @ 1kHz 19.44000 20.00000 40.00000 Shock & vibration: 2,000G, 0.3ms 1/2-sine 10.0 ~ 2,000Hz, 10G Standard. Optional - Please specify required code(s) when ordering
Standard Frequencies
Frequencies in MHz 10.00000 12.80000 16.00000 16.38400
Ordering Information
Product name +model code (if standard) + frequency eg: MCOCXO-AR1 10.0MHz MCOCXO-BV5 16.0MHz Option code X (eg MCOCXO/X) denotes a custom spec.
Other combinations of calibration and temperature stability/range are available.
Tel: +44 1460 256 100
01 Mar 2006
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com


▲Up To Search▲   

 
Price & Availability of MCOCXO

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X